Part Number Hot Search : 
IDT71V D1406 SRF860CT 66109 00050 DM4011 0540W 9C51R
Product Description
Full Text Search
 

To Download SBR10100CT-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr10100 document number: ds30961 rev. 1 2 - 2 1 of 5 www.diodes.com april 2016 ? diodes incorporated sbr10100ct sbr10100ctfp 10a sbr ? super barrier rectifier product summary v rrm (v) i o (a) v f max (v) @ +25 c i r max ( m a) @ +25 c 1 00 5 (per leg) 1 0 (tota l ) 0. 8 0. 1 description the sbr 10 100 ct & sbr 10 100 ctfp provide very low v f an d excellent reverse leakage stability at high temperatures. applications it is ideal for use as a rectifier, freewheel diode or blocking diode in: ? dc - dc converters ? ac - dc adaptors features and benefits ? patented sbr ? technology provides superior avalanche capability versus schottky diodes, ensuring more rugged and reliable end applications. ? reduced u ltra - low forward voltage drop ( v f ); b etter efficien cy and cooler operation. ? reduced high - temperature reverse leakage; increased reliability against thermal runaway failure in high - temperature operation. ? lead - free finish; rohs c ompliant (note s 1 & 2 ) ? halogen and antimony free. green device (note 3 ) me chanical data ? case: to - 220ab, ito - 220ab ? case material: molded plastic ; ul flammability classification rating 94v - 0 ? terminals: matte tin finish a nnealed over copper l eadframe. solderable per mil - std - 202, method 208 ? weight: to - 220ab C 1.85 grams ( a pproximate) ito - 220ab C 1.65 grams ( a pproximate) order ing information (notes 4 & 5) part number case packaging sbr10100ct to - 220ab 50 pieces/tube sbr10100ct - g to - 220ab 50 pieces/tube sbr10100ctfp ito - 220ab 50 pieces/tube sbr10100ctfp - g ito - 220ab 50 pieces/tube sbr10100ctfp - jt ito - 220ab (alte rnate) 50 pieces/tube notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporat eds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . fo r green molding compound version part numbers, add " - g" suffix to part number above. examples: sbr10100ct - g. 5. for packaging details, go to our website at http://www.diodes.com/products/packages.html . marking information package pin - out configuration to - 220ab top view ito - 220ab top view to - 220ab bottom view ito - 220ab bottom view sbr10100ct = product type marking code ab = foundry and assembly code yyww = date cod e marking yy = last t wo d igits of y ear (ex: 15 = 20 15 ) ww = week (01 - 53) sbr10100ctfp = product type marking code ab = foundry and assembly code yyww = date code marking yy = last t wo d igits of y ear (ex: 15 = 20 15 ) ww = week (01 - 53) sbr is a registered trademark of diodes incorporated. pb green yyww ab sbr10100ctfp sbr10100ct yyww ab
sbr10100 document number: ds30961 rev. 1 2 - 2 2 of 5 www.diodes.com april 2016 ? diodes incorporated sbr10100ct sbr10100ctfp maximum ratings ( @t a = + 25c , unless otherwise specified .) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage work ing peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v average rectified output current ( @ t c = + 115 c ) i o 10 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load i fsm 120 a peak repetitive rever se surge current (2 rrm 2 a isolation voltage (ito - 220ab only) from terminal to heatsink t = 3 sec v ac 2 , 000 v thermal characteristics characteristic symbol value unit typical thermal resistance (per leg) package = to - 220ab (note 7) package = ito - 220ab (note 7) r jc 2 4 c/w operating and storage temperature range t j , t stg - 65 to +150 c electrical characteristics ( @t a = +25c , unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f f = 5a, t j = + 25 c i f = 5a, t j = + 125 c leakage current (note 6 ) i r r = 100v, t j = + 25 c v r = 100v, t j = + 125 c notes: 6 . short duration pulse test used to minimize self - heating effect. 7 . test with aluminum heatsink 50 x 50 x 23 mm .
sbr10100 document number: ds30961 rev. 1 2 - 2 3 of 5 www.diodes.com april 2016 ? diodes incorporated sbr10100ct sbr10100ctfp 0 1 2 3 4 5 6 7 8 0 2 4 6 8 10 fig. 1 forward power dissipation i , average forward current (a) f(av) p , p o w e r d i s s i p a t i o n ( w ) d t = 150c a 0 100 200 300 400 500 600 700 800 v , instantaneous forward voltage (mv) fig. 2 typical forward characteristics f 0.001 1 10 100 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f 0.1 0.01 0 20 40 60 80 100 1 10 100 1,000 10,000 i , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) r 0.1 fig. 3 typical reverse characteristics v , instantaneous reverse voltage (v) r 0 1 2 3 4 5 6 25 50 75 100 125 150 fig. 4 forward current derating curve t , ambient temperature ( c) a i , a v e r a g e f o r w a r d c u r r e n t ( a ) f ( a v ) 0 10 20 30 40 50 60 70 80 90 100 fig. 5 operating temperature derating v , dc reverse voltage (v) r 0 25 50 75 100 125 150 175 t , d e r a t e d a m b i e n t t e m p e r a t u r e ( c ) a
sbr10100 document number: ds30961 rev. 1 2 - 2 4 of 5 www.diodes.com april 2016 ? diodes incorporated sbr10100ct sbr10100ctfp package outline dimensions please see ap020 02 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. to220ab dim min max typ a 3.56 4.82 - a1 0.51 1.39 - a2 2.04 2.92 - b 0.39 1.01 0.81 b2 1.15 1.77 1.24 c 0.356 0.61 - d 14.22 16 .51 - d1 8.39 9.01 - d 2 11.45 12.87 - e - - 2.54 e1 - - 5.08 e 9.66 10.66 - e 1 6.86 8.89 - h1 5.85 6.85 - l 12.70 14.73 - l1 - 6.35 - l2 15.80 1 6.20 16.00 p 3.54 4.08 - q 2.54 3.42 - all dimensions in mm ito - 220ab dim min typ max a 4.50 4.70 4.90 a1 3.04 3.24 3.44 a2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 d 15.67 15.87 16.07 d1 8.99 9.19 9.39 e 2.54 e 9.91 10.11 10.31 l 9.45 9.75 10.05 l1 15.80 16.00 16.20 p 2.98 3.18 3.38 q 3.10 3.30 3.50 all dimensions in mm ito220ab to220ab section b-b 3 ? p e 5 5 5 5 q d 1 d ? p b 1 3 x l e l 1 b a a1 a2 c 5 0 5 5 5 5 3 5 5 e b b 3 x e q d1 d ?p l1 l e b a1 a h1 c a2 b2 h1 d2 e1 e1 e/2 l2
sbr10100 document number: ds30961 rev. 1 2 - 2 5 of 5 www.diodes.com april 2016 ? diodes incorporated sbr10100ct sbr10100ctfp important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and an y product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated pro ducts for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of pers onal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released b y diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or system s without the express written approval of the chief executive officer of diodes incorporate d. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provid ed in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are so lely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related infor mation or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life sup port devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR10100CT-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X